ethernet dc/dc regulated converter epc1110p & epc1110h 65 % typical efficiency at full load designed for low common mode noise input filter to reduce input ripple current input / output isolation regulated with enable low features dsc1110p,h rev.- 6/13/96 qaf-cso6 rev. b 9/9/94 unless otherwise noted dimensions in inches tolerances: fractional = 1/32 .xx = .030 .xxx = .010 16799 schoenborn st. north hills, ca 91343 tel: (818) 892-0761 fax: (818) 894-5791 e l e c t r o n i c s i n c . electrical specifications input voltage v 5 10% 5 10% output voltage v -9 5% -9 5% output current ma max. 120 120 output ripple & noise @ 20 mhz bw mv p-p isolation vrms 500 2000 pca p/n epc1110p epc1110h standard package n2 n2 optional packages package n2 50 max. 50 max. pin connections 16 9 1 8 10 14 15 2 7 v out + v in - v out - v in + .120 typ. 18 1.000 max. .300 .600 .015 16 .450 max. 9 .700 10 .100 .400 2 7 15 14 .025 dia. leads pca epc1110p date code enable low n2-g n2-g package n2-g .990 .010 .020 typ. .350 .100 .600 .045 .510 .400 .620 .700 .035 .100 .065 .500 pca epc1110pn2-g date code .455
|